| Zakładka z wyszukiwarką danych komponentów |
|
VL53L0X Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L0X Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 40 page ![]() DocID029104 Rev 1 35/40 VL53L0X Packaging and labeling 37 Table 15. Recommended solder profile Figure 28. Solder profile Note: Temperature mentioned in Table 15 is measured at the top of VL53L0X package. Note: The component should be limited to a maximum of 3 passes through this solder profile. 8.5 Handling and storage precautions 8.5.1 Shock precaution Proximity sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject to excessive shock, is dropped onto the floor, or a tray/reel of units is dropped onto the floor, it must be rejected, even if no apparent damage is visible. Parameters Recommended Maximum Units Minimum temperature (TS min) Maximum temperature (TS max) Time ts (TS min to TS max) 130 200 90-110 150 200 60 - 120 °C °C seconds Temperature (TL) Time (tL) Ramp up 217 55-65 +2 217 55 - 65 +3 °C seconds °C/second Temperature (Tp-10) Time (tp-10) Ramp up - - - 250 10 +3 °C seconds °C/second Peak temperature (Tp) 240 260 max °C Time to peak 300 300 seconds Ramp down (peak to TL) -4 -6 °C/second |