Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NSC5083A Arkusz danych(PDF) 1 Page - NIHON DEMPA KOGYO

Numer części NSC5083A
Szczegółowy opis  Ultra low phase noise make this product ideal for High quality audio.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NDK [NIHON DEMPA KOGYO]
Strona internetowa  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSC5083A Arkusz danych(HTML) 1 Page - NIHON DEMPA KOGYO

  NSC5083A Datasheet HTML 1Page - NIHON DEMPA KOGYO NSC5083A Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1703A_NZ2520SDA_e
Absolute maximum rating
Supply Voltage (VCC) –0.6 to +6.0 V
Storage Temperature Range –55 to +125 °C
NZ2520SDA
Ultra Low Phase Noise Type
● For High-quality-audio, Smartphone, Tablet computers, Wireles module,
Notebook PC and DSC
■ Application
● Ultra low phase noise make this product ideal for High quality audio.
● Compact and light. Dimensions : 2.5 x 2.0 x 0.9 mm, weight : 0.02 g.
● Wide frequency range: 20 to 50 MHz.
● Automatic mounting by taping and IR reflow (lead-free) are possible.
● Lead-free.
■ Features
mm
2.50±0.10
1.65±0.1
0.8±0.1
#1
#2
#3
#4
0.6
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
Cby=0.01F
1.65
1.0
#4
#3
#2
#1
■ Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
■ Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
■ Standby Function
■ Specifications
Item
Model
NZ2520SDA
Output
CMOS
Nominal Frequency Range
(MHz)
20 to 50
Overall Frequency Tolerance
(×10–6)
±50
Operating Temperature Range
(°C)
–40 to +85
Supply Voltage
(V)
+1.8 to +3.3
Current Consumption Max. During Operation +25 °C (mA)
15
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
6 / 6
Symmetry Min. to Max.
(%)
40 to 60
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
■ Characteristics
F=22.5792MHz
F=49.152MHz
+1.8V, +25 °C
Fout±1 kHz (Typ.)
(dBc/Hz)
–158
–152
Fout±100 kHz (Typ.)
–163
–164
+3.3V, +25 °C
Fout±1 kHz (Typ.)
–164
–158
Fout±100 kHz (Typ.)
–169
–172


Podobny numer części - NSC5083A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NIHON DEMPA KOGYO
NSC5083A NDK-NSC5083A Datasheet
924Kb / 2P
Ultra Low Phase Noise Type
More results

Podobny opis - NSC5083A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
Rohm
BD37201NUX ROHM-BD37201NUX Datasheet
1Mb / 22P
Ultra Low Noise Low Dropout Regulator for Audio System
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
Ultra-Low Phase Noise Oscillator
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
Ultra-Low Phase Noise
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com