Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51116ADFK Arkusz danych(PDF) 69 Page - Renesas Technology Corp

Numer części R5F51116ADFK
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFK Arkusz danych(HTML) 69 Page - Renesas Technology Corp

Back Button R5F51116ADFK Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 69Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 70Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 71Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 72Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 69 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.2.1
Standard I/O Pin Output Characteristics (1)
Figure 5.12 to Figure 5.15 show the characteristics of general ports (except for the RIIC output pin, ports P40 to P44,
P46, ports PJ6, PJ7)
Figure 5.12
VOH/VOL and IOH/IOL Voltage Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at Ta = 25°C (Reference Data)
Figure 5.13
VOH/VOL and IOH/IOL Temperature Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at VCC = 1.8 V (Reference Data)
–30
–20
–10
0
10
20
30
40
00.5
11.5
22.5
3
3.5
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
–6
–4
–2
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOH/VOL [V]
IOH/IOL vs VOH/VOL
Ta = –40°C
Ta = –40°C
Ta = 25°C
Ta = 25°C
Ta = 105°C
Ta = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com