Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51116ADLF Arkusz danych(PDF) 32 Page - Renesas Technology Corp

Numer części R5F51116ADLF
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF Arkusz danych(HTML) 32 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 28Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 29Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 30Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 31Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 32Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 33Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 34Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 35Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 32 of 127
May 31, 2016
RX111 Group
4. I/O Registers
 Longword-size I/O registers
MOV.L #SFR_ADDR, R1
MOV.L #SFR_DATA, [R1]
CMP
[R1].L, R1
;; Next process
When executing an instruction after writing to multiple registers, only read the last I/O register written to and execute the
instruction using that value; it is not necessary to execute the instruction using the values written to all the registers.
(3)
Number of cycles necessary for accessing I/O registers
See Table 4.1 for details on the number of clock cycles necessary for accessing I/O registers.
The number of access cycles to I/O registers is obtained by following equation.*1
Number of access cycles to I/O registers = Number of bus cycles for internal main bus 1 +
Number of divided clock synchronization cycles +
Number of bus cycles for internal peripheral buses 1 to 6
The number of bus cycles of internal peripheral buses 1 to 6 differs according to the register to be accessed.
When peripheral functions connected to internal peripheral buses 2 to 6 or registers for the external bus control unit
(except for bus error related registers) are accessed, the number of divided clock synchronization cycles is added.
The number of divided clock synchronization cycles differs depending on the frequency ratio between ICLK and PCLK
(or FCLK) or bus access timing.
In the peripheral function unit, when the frequency ratio of ICLK is equal to or greater than that of PCLK (or FCLK), the
sum of the number of bus cycles for internal main bus 1 and the number of the divided clock synchronization cycles will
be one cycle of PCLK (or FCLK) at a maximum. Therefore, one PCLK (or FCLK) has been added to the number of
access cycles shown in Table 4.1.
When the frequency ratio of ICLK is lower than that of PCLK (or FCLK), the subsequent bus access is started from the
ICLK cycle following the completion of the access to the peripheral functions. Therefore, the access cycles are described
on an ICLK basis.
Note 1. This applies to the number of cycles when the access from the CPU does not conflict with the bus access from
the different bus master (DTC).
(4)
Notes on sleep mode and mode transitions
During sleep mode or mode transitions, do not write to the system control related registers (indicated by ‘SYSTEM’ in
the Module Symbol column in Table 4.1, List of I/O Registers (Address Order)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com