Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51116ADFL Arkusz danych(PDF) 71 Page - Renesas Technology Corp

Numer części R5F51116ADFL
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFL Arkusz danych(HTML) 71 Page - Renesas Technology Corp

Back Button R5F51116ADFL Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 69Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 70Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 71Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 72Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 73Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 74Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 71 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.2.2
Standard I/O Pin Output Characteristics (2)
Figure 5.16 to Figure 5.18 show the characteristics of the RIIC output pin.
Figure 5.16
VOL and IOL Voltage Characteristics of RIIC Output Pin at Ta = 25°C (Reference Data)
Figure 5.17
VOL and IOL Temperature Characteristics of RIIC Output Pin at VCC = 2.7 V (Reference
Data)
0
5
10
15
20
25
30
35
40
00.5
11.5
22.5
33.5
VOH/VOL [V]
IOL vs VOL
VCC = 3.3 V
VCC = 2.7 V
0
5
10
15
20
25
30
00.5
11.5
2
2.5
3
VOL [V]
IOL vs VOL
Ta = –40°C
Ta = 25°C
Ta = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com