Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2369A1 Arkusz danych(PDF) 2 Page - Seme LAB

Numer części 2N2369A1
Szczegółowy opis  HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED TO-18 PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2369A1 Arkusz danych(HTML) 2 Page - Seme LAB

  2N2369A1 Datasheet HTML 1Page - Seme LAB 2N2369A1 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2369A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5277
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and
reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that
datasheets are current before placing orders.
Test Conditions
Min.
Typ.
Max.
IC = 10mA
IC = 10µA
IE = 10µA
VCE = 20V
VCB = 20V
TA = +150°C
IC = 10mA
IB = 1mA
TA = +125°C
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
IB = 1mA
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
IB = 1mA
TA = -55°C to +125°C
IC = 10mA
VCE = 0.35V
IC = 10mA
VCE = 1V
IC = 30mA
VCE = 0.40V
IC = 100mA
VCE = 1V
IC = 10mA
VCE = 0.35V
TA = –55°C
IC = 10mA
VCE = 10V
f = 100MHz
IE = 0
VCB = 5V
f = 1MHz
IC = 10mA
VCC = 10V
IB1 = –IB2 = 10mA
IC = 10mA
VCC = 3V
IB1 = 3mA
IB2 = –1.5mA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO*
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICES
Collector – Emitter Cut-off Current
ICBO
Collector – Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT
Transition Frequency
Ccbo
Output Capacitance
ts
Storage Time
ton
Turn–On Time
toff
Turn–Off Time
15
40
4.5
0.40
30
0.20
0.30
0.25
0.5
0.70
0.8
0.85
0.9
1.15
1.1
1.6
0.59
1.02
40
120
40
120
30
71
20
20
50
500
675
2.3
4
613
912
13
18
V
V
V
µA
µA
V
V
MHz
pF
ns
ns
* Pulse Test: tp ≤ 300µs, δ≤ 2%.
Parameter
Unit



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com