| Zakładka z wyszukiwarką danych komponentów |
|
HT46R065 Arkusz danych(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R065 Arkusz danych(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 101 page ![]() HT46R064/065/066/0662/067 Rev. 1.30 21 January 22, 2013 0 0 H 0 1 H 0 2 H 0 3 H 0 4 H 0 5 H 0 6 H 0 7 H 0 8 H 0 9 H 0 A H 0 B H 0 C H 0 D H 0 E H 0 F H 1 0 H 1 1 H 1 2 H 1 3 H 1 4 H 1 5 H 1 6 H 1 7 H 1 8 H 1 9 H 1 A H 1 B H 1 C H 1 D H 1 E H 1 F H 2 0 H 2 1 H 2 2 H 2 3 H 2 4 H 2 5 H 2 6 H 2 7 H 2 8 H 2 9 H 2 A H 2 B H 2 C H 2 D H 2 E H 2 F H 3 0 H 3 1 H 3 2 H 3 F H : U n u s e d , r e a d a s " 0 0 " H T 4 6 R 0 6 4 H T 4 6 R 0 6 5 H T 4 6 R 0 6 6 H T 4 6 R 0 6 6 2 H T 4 6 R 0 6 7 I A R 0 M P 0 I A R 1 M P 1 A C C P C L T B L P T B L H W D T S S T A T U S I N T C 0 T M R 0 T M R 0 C T M R 1 T M R 1 C P A P A C P A P U P A W K P B P B C P B P U P C P C C P C P U C T R L 0 C T R L 1 S C O M C I N T C 1 P W M 0 A D R L A D R H A D C R A C S R I A R 0 M P 0 I A R 1 M P 1 A C C P C L T B L P T B L H W D T S S T A T U S I N T C 0 T M R 0 T M R 0 C P A P A C P A P U P A W K P B P B C P B P U P C P C C P C P U C T R L 0 C T R L 1 I N T C 1 P W M 0 A D R L A D R H A D C R A C S R I A R 0 M P 0 I A R 1 M P 1 A C C P C L T B L P T B L H W D T S S T A T U S I N T C 0 T M R 0 T M R 0 C T M R 1 T M R 1 C P A P A C P A P U P A W K P B P B C P B P U P C P C C P C P U C T R L 0 C T R L 1 S C O M C P W M 1 I N T C 1 P W M 0 A D R L A D R H A D C R A C S R P D P D C P D P U I A R 0 M P 0 I A R 1 M P 1 B P A C C P C L T B L P T B L H W D T S S T A T U S I N T C 0 T M R 0 T M R 0 C T M R 1 T M R 1 C P A P A C P A P U P A W K P B P B C P B P U P C P C C P C P U C T R L 0 C T R L 1 S C O M C P W M 1 I N T C 1 P W M 0 A D R L A D R H A D C R A C S R P D P D C P D P U P E P E C P E P U P F P F C P F P U C T R L 2 I A R 0 M P 0 I A R 1 M P 1 B P A C C P C L T B L P T B L H W D T S S T A T U S I N T C 0 T M R 0 T M R 0 C T M R 1 T M R 1 C P A P A C P A P U P A W K P B P B C P B P U P C P C C P C P U C T R L 0 C T R L 1 S C O M C P W M 1 I N T C 1 P W M 0 A D R L A D R H A D C R A C S R P D P D C P D P U P E P E C P E P U P F P F C P F P U T M R 2 T M R 2 C P W M 2 C T R L 2 Special Purpose Data Memory |