Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MINI54FHC Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers

Numer części MINI54FHC
Szczegółowy opis  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 17Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 18Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 19Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 20Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 21Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 22Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 23Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 24Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 21 of 70
Revision 1.01
Pin Number
Pin Name
Pin Type
Description
LQFP
48-pin
QFN
33-pin
TSSOP
20-pin
Mini54FHCT
SSOP20-pin
RX
I
UART data receiver input pin.
ACMP0_P
AI
Analog comparator positive input pin.
46
31
2
3
P1.3
I/O
General purpose digital I/O pin.
AIN3
AI
ADC analog input pin.
TX
O
UART transmitter output pin.
ACMP0_P
AI
Analog comparator positive input pin.
47
32
3
4
P1.4
I/O
General purpose digital I/O pin.
AIN4
I/O
PWM5: PWM output/Capture input.
ACMP0_N
AI
Analog comparator negative input pin.
48
---
--
--
NC
---
Not connected.
[1] I/O type description. I: input, O: output, I/O: quasi bi-direction, D: open-drain, P: power pin, ST:
Schmitt trigger, A: Analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70