| Zakładka z wyszukiwarką danych komponentów |
|
CS5480 Arkusz danych(PDF) 61 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 Arkusz danych(HTML) 61 Page - Cirrus Logic |
|
61 / 70 page ![]() CS5480 DS980F3 61 6.6.73 Average Reactive Power Offset (Q1OFF , Q2OFF) – Page 16, Address 38, 45 Default = 0x00 0000 Average Reactive Power Offset (Q1OFF , Q2OFF) is added to averaged reactive power to yield Q1AVG (Q2AVG) register results. It can be used to reduce systematic energy errors. These are two's complement val- ues in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.74 AC Offset for Current (I1ACOFF, I2ACOFF ) – Page 16, Address 37, 44 Default = 0x00 0000 AC offset registers I1ACOFF and I2ACOFF are initialized to zero on reset. They are used to reduce systematic errors in the RMS results. These are unsigned values in the range of 0 value 1.0, with the binary point to the left of the MSB. 6.6.75 Temperature Gain (TGAIN) – Page 16, Address 54 Default = 0x 06 B716 Register TGAIN is used to scale the Temperature register (T), and is an unsigned fixed-point value in the range of 0.0 value256.0, with the binary point to the right of bit 16. Register T can be rescaled by the application using the TGAIN and TOFF registers. Refer to section 7.3 Tem- perature Sensor Calibration on page 65 for more information. 6.6.76 Temperature Offset (TOFF) – Page 16, Address 55 Default = 0x D5 3998 Register TOFF is used to offset the Temperature register (T), and is a two's complement value in the range of -128.0 value128.0 (°C), with the binary point to the right of bit 16. Register T can be rescaled by the application using the TGAIN and TOFF registers. Refer to section 7.3 Tem- perature Sensor Calibration on page 65 for more information. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB 27 26 25 24 23 22 21 20 ..... 2-10 2-11 2-12 2-13 2-14 2-15 2-16 MSB LSB -(27)26 25 24 23 22 21 20 ..... 2-10 2-11 2-12 2-13 2-14 2-15 2-16 |