Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F010A-55 Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM29F010A-55
Szczegółowy opis  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010A-55 Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM29F010A-55 Datasheet HTML 1Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 2Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 3Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 4Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 5Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 6Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 7Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 8Page - Advanced Micro Devices AM29F010A-55 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Am29F010A
3
PRODUCT SELECTOR GUIDE
Note: See the AC Characteristics section for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29F010A
Speed Option
VCC = 5.0 V ± 5%
-45
VCC = 5.0 V ± 10%
-55
-70
-90
-120
Max Access Time (ns)
45
55
70
90
120
CE# Access (ns)
45
55
70
90
120
OE# Access (ns)
25
30
30
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ7
Data
Latch
Y-Gating
Cell Matrix
22181B-1
A0–A16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31