| Zakładka z wyszukiwarką danych komponentów |
|
MF-NSMF016 Arkusz danych(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-NSMF016 Arkusz danych(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 5 page ![]() DIMENSIONS: MM (INCHES) MF-NSMF020X, MF-NSMF012 MF-NSMF016 ~ MF-NSMF075 ~ MF-NSMF025X & MF-NSMF200 MF-NSMF050 MF-NSMF150 & MF-NSMF035X Tape Dimensions per EIA 481-1 per EIA 481-1 per EIA 481-1 per EIA 481-1 W 8.0 ± 0.30 8.0 ± 0.30 8.0 ± 0.30 8.0 ± 0.30 (0.315 ± 0.012) (0.315 ± 0.012) (0.315 ± 0.012) (0.315 ± 0.012) P0 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) P1 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) P2 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 (0.079 ± 0.002) (0.079 ± 0.002) (0.079 ± 0.002) (0.079 ± 0.002) A0 1.90 ± 0.10 1.90 ± 0.10 1.90 ± 0.10 1.90 ± 0.10 (0.075 ± 0.004) (0.075 ± 0.004) (0.075 ± 0.004) (0.075 ± 0.004) B0 3.50 ± 0.10 3.45 ± 0.10 3.45 ± 0.10 3.55 ± 0.10 (0.138 ± 0.004) (0.136 ± 0.004) (0.136 ± 0.004) (0.140 ± 0.004) B1 max. 4.35 4.35 4.35 4.35 (0.171) (0.171) (0.171) (0.171) D0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 (0.059 + 0.004/-0) (0.059 + 0.004/-0) (0.059 + 0.004/-0) (0.059 + 0.004/-0) F 3.5 ± 0.05 3.5 ± 0.05 3.5 ± 0.05 3.5 ± 0.05 (0.138 ± 0.002) (0.138 ± 0.002) (0.138 ± 0.002) (0.138 ± 0.002) E1 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 (0.069 ± 0.004) (0.069 ± 0.004) (0.069 ± 0.004) (0.069 ± 0.004) E2 min. 6.25 6.25 6.25 6.25 (0.246) (0.246) (0.246) (0.246) T max. 0.6 0.6 0.6 0.6 (0.024) (0.024) (0.024) (0.024) T1 max. 0.1 0.1 0.1 0.1 (0.004) (0.004) (0.004) (0.004) K0 1.35 ± 0.10 1.04 ± 0.10 0.85 ± 0.10 0.80 ± 0.10 (0.053 ± 0.004) (0.041 ± 0.004) (0.033 ± 0.004) (0.032 ± 0.004) Leader min. 390 390 390 390 (15.35) (15.35) (15.35) (15.35) Trailer min. 160 160 160 160 (6.30) (6.30) (6.30) (6.30) Reel Dimensions A max. 185 185 185 185 (7.28) (7.28) (7.28) (7.28) N min. 50 50 50 50 (1.97) (1.97) (1.97) (1.97) W1 8.4 + 1.5/-0.0 8.4 + 1.5/-0.0 8.4 + 1.5/-0.0 8.4 + 1.5/-0.0 (0.331 + 0.059/-0.0) (0.331 + 0.059/-0.0) (0.331 + 0.059/-0.0) (0.331 + 0.059/-0.0) W2 max. 14.4 14.4 14.4 14.4 (0.567) (0.567) (0.567) (0.567) MF-NSMFSeriesTapeandReelSpecifications Specificationsaresubjecttochangewithoutnotice. Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. B1 N(HUBDIA.) (MEASURED ATHUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED ATHUB) W1 P1 B0 F D0 P2 P0 E2 E1 W DIMENSIONS: MM (INCHES) |