Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EHA-PA1AN1-R02-L1 Arkusz danych(PDF) 4 Page - II-VI Marlow, Inc.

Numer części EHA-PA1AN1-R02-L1
Szczegółowy opis  Thermal Energy Harvesting Demo Unit Solid to Air
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VIMARLOW [II-VI Marlow, Inc.]
Strona internetowa  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHA-PA1AN1-R02-L1 Arkusz danych(HTML) 4 Page - II-VI Marlow, Inc.

  EHA-PA1AN1-R02-L1 Datasheet HTML 1Page - II-VI Marlow, Inc. EHA-PA1AN1-R02-L1 Datasheet HTML 2Page - II-VI Marlow, Inc. EHA-PA1AN1-R02-L1 Datasheet HTML 3Page - II-VI Marlow, Inc. EHA-PA1AN1-R02-L1 Datasheet HTML 4Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EHA-PA1AN1-R02-L1
DOC # 102-0388 REV 3 - PAGE 4 OF 4
APPLICATION NOTES
VOUT and VSTORE Capacitor
For pulsed load applications, the VOUT capacitor should be
sized to provide the necessary current when the load is
pulsed on. The capacitor value required will be dictated by
the load current, the duration of the load pulse, and the
amount of voltage drop the circuit can tolerate. The capacitor
must be rated for the voltage selected for VOUT by VS1 and
VS2.


 

Load
Pulse
out
OUT
ImA t
ms
CF
VV
∆ VOUT is the maximum allowable voltage drop on VOUT. Note
that there must be enough energy available from the input
voltage source for VOUT to recharge the capacitor during the
interval between load pulses. Reducing the duty cycle of the
load pulse will allow operation with less input energy.
The VSTORE capacitor may be a very large value (thousands
of microfarads or even Farads), to provide holdup at times
when the input power may be lost. Note that this capacitor
mat charge to 5.25V (regardless of the settings for VOUT), so
ensure that the holdup capacitor has a working voltage rating
of at least 5.5V at the temperature for which it will be used.
The VSTORE capacitor can be sized using the following:

6
5.25
Q
LDO
Burst
Store
Store
OUT
AI
I
I
t f T
C
V



where 6μA is the quiescent current of the LTC3108, IQ is the
load on VOUT in between bursts, ILDO is the load on the LDO
between bursts, IBURST is the total load during the burst, t is
the duration of the burst, f is the frequency of the burst,
TSTORE is the storage time required, and VOUT is the output
voltage required. Note that for a programmed output voltage
of 5V, the VSTORE capacitor cannot provide any beneficial
storage time. Storage capacitors requiring voltage balancing
are not recommended due to the current draw of the
balancing resistor.
In many pulsed load applications, the duration, magnitude
and frequency of the load current bursts are known and fixed.
In these cases the charge current required from the LTC3108
to support average load must be calculated, by the following:
Burst
CHG
Q
It
II
T

where IQ is the sleep current on VOUT required by the external
circuitry in between bursts (including cap leakage), IBURST is
the total load current during the burst, t is the time duration
of the burst and T is the period of the transmit burst rate
(essentially the time between bursts).
SET-UP TIPS
To assess your thermal interface between the EHA-PA1AN1-
R02-L1 and your heat source and estimate your expected
maximum current, follow these procedures to measure your
short circuit current:
1.
Connect a 200Ω resistor in series between pins 1 and
2.
2.
Connect a voltmeter across the 200Ω resistor.
3.
Bring the hot side of the assembly to the desired
temperature by raising the source temperature and
monitoring the hot side thermistor via pins 9 and 10
on the wire harness.
Note that pins 9 and 10
measure the hot side of the TEG and not the source
temperature.
There could be several degrees
difference between TSOURCE and THOT, so Marlow
recommends mounting a thermocouple to the source
to independently monitor TSOURCE. If the discrepancy
is greater than 5°C, there may be thermal interface
or
mounting
issues
and
Marlow
recommends
remounting the EHA-PA1AN1-R02-L1.
4.
Allow the assembly temperature to stabilize and
measure the voltage drop across the resistor.
5.
Convert the voltage to a current using I=V/R.
6.
Check that the short circuit current matches closely
with the performance curve plot on page 1.
To evaluate operation under electrical load conditions use the
following procedure:
1.
Connect the load/battery/capacitor/resistor between
pins 1 and 2 (See image below).
2.
Connect a voltmeter across the load.
3.
If possible, connect a small resistor or current shunt
in
series
between
pin
1
and
the
load/battery/capacitor/resistor between pins 1 and 2.
Use this shunt to calculate current out of VOUT.
4.
Bring the hot side of the assembly to the desired
temperature by raising the source temperature and
monitoring the hot side thermistor via pins 9 and 10
on the wire harness.
5.
Measure
the
voltage
drop
across
the
load
device/resistor and the current from the shunt. Use
voltage and current to calculate power.
6.
Check the calculated power against the performance
curve plot on page 1.
The EHA-PA1AN1-R02-L1 is now ready for further evaluation
in your application. If you have any questions on this test
procedure or how to test the unit in your application, please
contact a Marlow application engineer for further assistance.
For more information, please refer to the Contact Us section
of this datasheet.
Converter
VSTORE
VLDO
VOUT
PGD
GND
+
+
+
µP
SENSORS
RF LINK
TEG
220µF
2.2µF
CUSTOMER
ADDITION



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com