| Zakładka z wyszukiwarką danych komponentów |
|
TUSB546AI-DCI Arkusz danych(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB546AI-DCI Arkusz danych(HTML) 29 Page - Texas Instruments |
|
29 / 47 page ![]() USB3.1 Host TUSB546A-DCI DP 1.4 GPU A B C F D E G H DP0P DP0N DP1P DP1N DP2P DP2N DP3P DP3N TX1N TX1P TX2P TX2N RX1P RX1N RX2P RX2N PCB Trace of Length XAB PCB Trace of Length XEF PCB Trace of Length XGH PCB Trace of Length XCD SSRXP SSRXN SSTXP SSTXN Copyright © 2017, Texas Instruments Incorporated 29 TUSB546A-DCI www.ti.com SLLSF14 – JUNE 2017 Product Folder Links: TUSB546A-DCI Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The TUSB546A-DCI is a linear redriver designed specifically to compensation for intersymbol interference (ISI) jitter caused by signal attenuation through a passive medium like PCB traces and cables. Because the TUSB546A-DCI has four independent DisplayPort 1.4 inputs, one upstream facing USB 3.1 Gen1 input, and two downstream facing USB 3.1 Gen1 inputs, it can be optimized to correct ISI on all those seven inputs through 16 different equalization choices. Placing the TUSB546A-DCI between a USB3.1 Host/DisplayPort 1.4 GPU and a USB3.1 Type-C receptacle can correct signal integrity issues resulting in a more robust system. 9.2 Typical Application Figure 27. TUSB546A-DCI in a Host Application |