Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PTWA-183 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części PTWA-183
Szczegółowy opis  18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

PTWA-183 Arkusz danych(HTML) 1 Page - Vitec Power

  PTWA-183 Datasheet HTML 1Page - Vitec Power PTWA-183 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTWA-183 SERIES
18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
Input Voltage 100 to 240 VAC, 50 to 60Hz
Interchangeable AC Plug
Constant Voltage or Constant Current
Single Output
Class II Insulation (Double Insulation)
UL/C-UL, TUV-GS, CE EMC&LVD, FCC, and EMI Certified
1 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Output Regulation
Maximum Output Power
PTWA-183-xxxyyy
3 ~ 24 VDC
5%
18W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
100
240
VAC
Input Frequency
50
60
Hz
Output Power Range
0
18
W
Input Current (rms)
I/P: 90 VAC
0.5
A
Input Current
I/P: 264 VAC
0.3
A
Hold-up tome
Full load at 115 VAC
10
ms
Voltage Regulation
At constant voltage mode
±5
%
Current Limit
At constant current mode
±5
%
Efficiency
Io=Full Load, 115 VAC (DC Conversion)
75
%
Temperature Coefficient
All output
-0.05
0.05
%/°C
Protection
Over voltage protection (OVP), AC recycle;
Short circuit protection; Output short circuit protection
Automatic Recovery
Automatic recovery when removal of protect condition. Any protect condition shall cause no damage and no
component fail. (<0.03 ohm)
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
EMI
FCC Class B, CISPR22 Class B, EN55022 Class B
Safety Description
UL/c-UL, FCC, CE, EMC&LVD, EN60950, UL60950
n/a
n/a
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Ambient
0
40
°C
Storage Temperature
Ambient
-10
70
°C


Podobny numer części - PTWA-183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
PTWA-183-SERIES Vitec-PTWA-183-SERIES Datasheet
284Kb / 2P
18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
More results

Podobny opis - PTWA-183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
MTWA11-SERIES Vitec-MTWA11-SERIES Datasheet
291Kb / 2P
10W Wall Mount Power Supply for I.T. Equipment
MTWA16-SERIES Vitec-MTWA16-SERIES Datasheet
439Kb / 2P
15W Multi-Plug Wall Mount for I.T. Equipment
MTWA26-SERIES Vitec-MTWA26-SERIES Datasheet
405Kb / 2P
25W Multi-Plug Wall Mount for I.T. Equipment
PTWA-060-SERIES Vitec-PTWA-060-SERIES Datasheet
375Kb / 2P
6W Multi-Plug Power Supply for I.T. Equipment
PTWA-183-SERIES Vitec-PTWA-183-SERIES Datasheet
284Kb / 2P
18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-188-SERIES Vitec-PTWA-188-SERIES Datasheet
297Kb / 2P
18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
MTWA11 Vitec-MTWA11 Datasheet
291Kb / 2P
10W Wall Mount Power Supply for I.T. Equipment
MTWA16 Vitec-MTWA16 Datasheet
439Kb / 2P
15W Multi-Plug Wall Mount for I.T. Equipment
MTWA26 Vitec-MTWA26 Datasheet
405Kb / 2P
25W Multi-Plug Wall Mount for I.T. Equipment
PTWA-188 Vitec-PTWA-188 Datasheet
297Kb / 2P
18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com