Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGM7632 Arkusz danych(PDF) 5 Page - First Components International

Numer części FGM7632
Szczegółowy opis  Output Currents up to 0.5A (output1 & 2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

FGM7632 Arkusz danych(HTML) 5 Page - First Components International

  FGM7632 Datasheet HTML 1Page - First Components International FGM7632 Datasheet HTML 2Page - First Components International FGM7632 Datasheet HTML 3Page - First Components International FGM7632 Datasheet HTML 4Page - First Components International FGM7632 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Die size Хr=2.22 mm, Уr=2.57 mm (pad size measured by layer “passivation”)
Coordinates of pads
Left bottom coordinates, mm
pad size, mm
No of pad
X
Y
01
0,142
2,347
0,115
×0,115
02
0,142
1,024
0,115
×0,115
03
0,138
0,703
0,115
×0,115
04
0,138
0,148
0,115
×0,115
05
0,483
0,148
0,115
×0,115
06
0,860
0,163
0,115
×0,115
07*
1,328
0,151
0,074
×0,074
08*
1,448
0,151
0,074
×0,074
09*
1,648
0,151
0,074
×0,074
10*
1,808
0,151
0,074
×0,074
11
1,972
0,133
0,115
×0,115
12
1,972
0,612
0,115
×0,115
13
1,972
1,203
0,115
×0,115
14
1,972
1,493
0,115
×0,115
15
1,972
1,873
0,115
×0,115
16
1,972
2,162
0,115
×0,115
17
1,902
2,367
0,115
×0,115
*-- technological pads, not for bonding



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com