Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RAC05-3.3SC Arkusz danych(PDF) 2 Page - Recom International Power

Numer części RAC05-3.3SC
Szczegółowy opis  5 Watt Single / Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-3.3SC Arkusz danych(HTML) 2 Page - Recom International Power

  RAC05-3.3SC Datasheet HTML 1Page - Recom International Power RAC05-3.3SC Datasheet HTML 2Page - Recom International Power RAC05-3.3SC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RAC05-S_DC
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, full load after warm-up)
Vin=115VAC
Load (%)
60
85
0 10 20 30 40 50 60 70 80 90 100
65
70
75
80
5V
12V
24V
Load (%)
50
80
0 10 20 30 40 50 60 70 80 90 100
55
60
70
75
5V
12V
24V
65
Vin=230VAC
Potting Material
Epoxy UL94V-0
Relative Humidity
95% RH max.
Package Weight
Single / Dual
35g / 38g
Packing Quantity
Single Output
10pcs
Dual Output
9pcs
Wired Version
1pc
MTBF (25°C)
Using MIL-HDBK 217F
>400 x 10³ hours
(65°C)
Using MIL-HDBK 217F
>200 x 10³ hours
Emissions
CE
EN 55022: 2006 + A1: 2007 / Class B
EMC
EN 55024:1998 + A1:2001 + A2:2003
Harmonics
EN 61000-3-2:2006 / Class A
Flicker
EN 61000-3-3:1995 + A1:2001 +A2:2005
Immunity
ESD
IEC 61000-4-2 / Criterion B
RS
IEC 61000-4-3 / Criterion A
EFT
IEC 61000-4-4 / Criterion B
Surge
IEC 61000-4-5 / Criterion B
CS
IEC 61000-4-6 / Criterion A
PMF
IEC 61000-4-8 / Criterion A
Voltage Variations
IEC 61000-4-11 / Criteria B + C
Certifications:
UL General Safety
Report: E224736
UL-60950-1, 2nd Edition
cUL
Report: E224736
C22.2 No. 60950-1-07, 2nd Edition
EN General Safety
Report: SPCLVD1211033-1
EN-60950-:2006 + A12:2011
CE
EN55022 Class B
Typical Characteristics
Input Voltage Derating Graph
Input Voltage (VAC) Ta=25°C
Safe Operating Area
100%
90%
80%
70%
80
130
180
230
280
90V, 100%
80V, 80%
264V, 100%
Notes:
Note1: Measured @230VAC / 50Hz / Ta=25°C with constant resistant mode at full load.
Note2: If used @115VAC / 60Hz with full load, max. capacitive load is less, please contact RECOM for detailed information.
Note3: Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
www.recom-power.com
PA-31
REV: 0/2015



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com