| Zakładka z wyszukiwarką danych komponentów |
|
PCI950 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI950 Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 11 page ![]() Figure 1Figure 2 123456 IRQ0 INTD – – – Start Frame RR R TT T SS PCLK POLLMODE PCI950 IRQSER DRIVE Stop Frame RT (see Note 7) PCI950 IRQ0 INTD – – – Start Frame RR R TT T SS PCI950 Stop Frame RT (see Note 8) PCI950 Clocks Legend: R = Recovery S = Sample T = Turnaround 17 NOTES: 7. When the POLLMODE input level changes before the rising edge of the start frame, then the stop-frame width in the current IRQSER cycle reflects the change in mode. 8. Any change in the POLLMODE input level after the start frame is complete is reflected in the next IRQSER cycle. Figure 3. POLLMODE Level Change During an IRQSER Cycle |