Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DISP0165CTSP Arkusz danych(PDF) 6 Page - Cystech Electonics Corp.

Numer części DISP0165CTSP
Szczegółowy opis  Switching Control Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DISP0165CTSP Arkusz danych(HTML) 6 Page - Cystech Electonics Corp.

  DISP0165CTSP Datasheet HTML 1Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 2Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 3Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 4Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 5Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C179SP
Issued Date : 2017.08.23
Revised Date :
Page No. : 6/6
DISP0165CTSP
CYStek Product Specification
TO-277 Dimension
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.05
1.15
0.041
0.045
D2
2.95
3.15
0.116
0.124
b1
0.80
0.99
0.031
0.039
E
6.40
6.60
0.252
0.260
b2
1.70
1.88
0.067
0.074
E1
5.30
5.45
0.209
0.215
b3
0.15
0.35
0.006
0.014
E2
3.45
3.65
0.136
0.144
C
0.20
0.33
0.008
0.013
E3
4.20
4.60
0.165
0.181
D
4.00
4.30
0.157
0.169
e
1.84 TYP
0.072 TYP
D1
3.90
4.05
0.154
0.159
L
0.75
0.95
0.030
0.037
Notes: 1.Controlling dimension : millimeters.
2.Lead thickness specified per L/F drawing with solder plating.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
Date
Code
DISP
0165CT
□□
3-Lead TO-277 Plastic
Surface Mounted Package
CYStek Package Code: SP
Style: Pin 1.Cathode 2.Anode 3.Cathode



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com