| Zakładka z wyszukiwarką danych komponentów |
|
SL3ICS30 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS30 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
|
5 / 9 page ![]() Philips Semiconductors Short Form Specification, Revision 3.0 October 2003 UCODE HSL SL3ICS30 01 5 1.6 Supported Commands 1.6.1 Selection Commands GROUP_SELECT_EQ, GROUP_SELECT_NE, GROUP_SELECT_GT, GROUP_SELECT_LT GROUP_UNSELECT_EQ, GROUP_UNSELECT_NE, GROUP_UNSELECT_GT, GROUP_UNSELECT_LT GROUP_SELECT_EQ_FLAGS, GROUP_SELECT_NE_FLAGS GROUP_UNSELECT_EQ_FLAGS, GROUP_UNSELECT_NE_FLAGS MULTIPLE_UNSELECT 1.6.2 Identification Commands FAIL, SUCCESS, RESEND, INITIALIZE 1.6.3 Data Access DATA_READ, READ, READ_PORT, READ_VARIABLE, WRITE, WRITE_MULTIPLE, WRITE4BYTE, WRITE4BYTE_MULTIPLE LOCK, QUERY_LOCK, READ_VERIFY, READ_VERIFY_4BYTE 1.7 Memory Organization The 2048 bit EEPROM memory is grouped in UID memory, user memory and lock information. A byte is the smallest access unit. All bytes can be addressed by read and write commands. 1.7.1 Write Access Conditions Each byte in the user memory can be write protected individually. Write protected blocks can never be written again. 1.7.2 Serial Number Serial numbers, which can not be altered, guarantee the uniqueness of each label. 1.7.3 Configuration of delivered ICs UCODE HSL ICs are delivered with the following configuration from Philips: • Serial number is unique and read only • Write Access conditions allow changing all bytes except those containing the serial number • User data memory is not defined |