Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STBV42 Arkusz danych(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części STBV42
Szczegółowy opis  Silicon NPN transistor in a TO-92 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

STBV42 Arkusz danych(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  STBV42 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV42 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV42 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV42 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV42 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV42 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STBV42
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-92 Plastic Package.

高压性能好,低动态参数变化,开关速度快。 
High voltage capability,Low spread of dynamic parameters,Very high switching speed.
主要用于节能灯、日光灯电子镇流器及其它开关、振荡电路。
High frequency electronic lighting ballast applications,converters, inverters, switching regulators, etc.
PIN1
: Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1 2
3


Podobny numer części - STBV42

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STBV42 STMICROELECTRONICS-STBV42 Datasheet
133Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2001
logo
Innogration Technologie...
STBV42130C9 INNOGRATION-STBV42130C9 Datasheet
1Mb / 7P
GaN HEMT 50V, 130W,3.7-4.2GHz Full band RF Power Transistor
logo
STMicroelectronics
STBV42D STMICROELECTRONICS-STBV42D Datasheet
121Kb / 8P
High voltage fast-switching NPN power transistor
28-Apr-2010
logo
Foshan Blue Rocket Elec...
STBV42D FOSHAN-STBV42D Datasheet
848Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Podobny opis - STBV42

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BC639 FOSHAN-BC639 Datasheet
798Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BF422 FOSHAN-BF422 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
MJE13001B1 FOSHAN-MJE13001B1 Datasheet
771Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
MJE13001E1 FOSHAN-MJE13001E1 Datasheet
806Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com