| Zakładka z wyszukiwarką danych komponentów |
|
TNETX15AE Arkusz danych(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AE Arkusz danych(HTML) 46 Page - Texas Instruments |
|
46 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION DIO write cycle The write cycle waveforms are shown in Figure 14 and described in the following: D The TNETX15AE host register address (SAD1–SAD0 and SDATA7–SDATA0) is asserted and SRNW goes low. D After a setup time, ESCS goes low, initiating a write cycle. D The TNETX15AE pulls SRDY low as the data is accepted. D SDATA7–SDATA0, SAD1–SAD0, and SRNW signals are deasserted after the hold time has expired. D ESCS goes high (by the host) to complete the cycle, causing SRDY to deassert and to go high for one cycle before going into the high-impedance (Z) state. ESCS Host Address SRNW SAD1–SAD0 SDATA7–SDATA0 SRDY Data Z Z Figure 14. DIO Write-Cycle Waveforms |