| Zakładka z wyszukiwarką danych komponentów |
|
S89430 Arkusz danych(PDF) 6 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S89430 Arkusz danych(HTML) 6 Page - Seiko Instruments Inc |
|
6 / 33 page ![]() MINI ANALOG SERIES 0.5 μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER S-89430/89431 Series Rev.2.1_01 6 Pin Configurations 1. SC-88A 13 2 4 5 Top view Figure 3 Table 2 (Product with 1 circuit) Pin No. Symbol Description 1 IN( +) Non-inverted input pin 2 VSS GND pin 3 IN( −) Inverted input pin 4 OUT Output pin 5 VDD Positive power supply pin 2. SOT-23-5 13 2 4 5 Top view Figure 4 Table 3 (Product with 1 circuit) Pin No. Symbol Description 1 IN( +) Non-inverted input pin 2 VSS GND pin 3 IN( −) Inverted input pin 4 OUT Output pin 5 VDD Positive power supply pin 3. SNT-8A 7 6 5 8 2 3 4 1 Top view Figure 5 Table 4 (Product with 2 circuits) Pin No. Symbol Description 1 OUT1 Output pin 1 2 IN1( −) Inverted input pin 1 3 IN1( +) Non-inverted input pin 1 4 VSS GND pin 5 IN2( +) Non-inverted input pin 2 6 IN2( −) Inverted input pin 2 7 OUT2 Output pin 2 8 VDD Positive power supply pin 4. TMSOP-8 7 6 5 8 2 3 4 1 Top view Figure 6 Table 5 (Product with 2 circuits) Pin No. Symbol Description 1 OUT1 Output pin 1 2 IN1( −) Inverted input pin 1 3 IN1( +) Non-inverted input pin 1 4 VSS GND pin 5 IN2( +) Non-inverted input pin 2 6 IN2( −) Inverted input pin 2 7 OUT2 Output pin 2 8 VDD Positive power supply pin |