| Zakładka z wyszukiwarką danych komponentów |
|
WM8971LEFL/R Arkusz danych(PDF) 53 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8971LEFL/R Arkusz danych(HTML) 53 Page - Wolfson Microelectronics plc |
|
53 / 56 page ![]() Advanced Information WM8971L w AI Rev 3.0 March 2004 53 COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 – C4 100nF De-coupling for DBVDD, DCVDD, AVDD, HPVDD C5 – C6 10uF Reservoir capacitor for DVDD, AVDD. Should the supplies use separate sources then additional capacitors will be required of each additional source. C7 – C9 1uF AC input coupling capacitors C13 2.2uF Output AC coupling capacitors to remove DC level from MONOOUT C14 and C15 220uF Output AC coupling capacitors to remove DC level from headphone output (If used as a line-out only, use 2.2uF caps) C16 100nF De-coupling for VMID. C17 10uF Reservoir capacitor for VMID C18 100nF De-coupling for VREF C19 10uF Reservoir capacitor for VREF C20 100nF De-coupling for MICBIAS – Not required if MICBIAS output is not used C21 10uF Reservoir capacitor for MICBIAS – Not required if MICBIAS output is not used Table 40 External Components Descriptions Note: 1. For Capacitors C5, C6, C17, C19 and C21 it is recommended that very low ESR components are used. LINE INPUT CONFIGURATION When LINPUT1/RINPUT1 or MIC are used as line inputs, the microphone boost and ALC functions should normally be disabled. In order to avoid clipping, the user must ensure that the input signal does not exceed AVDD. This may require a potential divider circuit in some applications. It is also recommended to remove RF interference picked up on any cables using a simple first-order RC filter, as high-frequency components in the input signal may otherwise cause aliasing distortion in the audio band. AC signals with no DC bias should be fed to the WM8971L through a DC blocking capacitor, e.g. 1 µF. MICROPHONE INPUT CONFIGURATION Figure 47 Recommended Circuit for Line Input For interfacing to a microphone, the ALC function should be enabled and the microphone boost switched on. Microphones held close to a speaker’s mouth would normally use the 13dB gain setting, while tabletop or room microphones would need a 29dB boost. The recommended application circuit is shown above. R1 and R2 form part of the biasing network (refer to Microphone Bias section). R1 connected to MICBIAS is necessary only for electret type microphones that require a voltage bias. R2 should always be present to prevent the microphone R2 47kOhm C1 220pF C2 1uF AGND AGND AGND L/RINPUT1 MIC FROM MICROPHONE R1 680 Ohm to 2.2kOhm check microphone's specification MICBIAS |