Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ABB1519 Arkusz danych(PDF) 8 Page - Advanced Semiconductor Business Inc.

Numer części ABB1519
Szczegółowy opis  50 ~ 1700 MHz Wide-Band CATV Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB1519 Arkusz danych(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ABB1519 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABB1519 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
ASB Inc.
 sales@asb.co.kr
August 2017
ABB1519
4.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1200
1700
MHz
Noise Figure
1.8
2.0
2.1
2.5
dB
Gain
19.5
19.2
18.1
17.2
dB
S11
-16
-13
-13
-11
dB
S22
-16
-18
-15
-13
dB
Output IP31)
40
40
38
36
dBm
Output IP22)
58
dBm
Output P1dB
20
21
20
18
dBm
Current
123
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1 = 400 MHz + F2 = 450 MHz) at an output power of +6 dBm/tone.
4.3
Plot of S-parameter & Stability Factor
0
300
600
900
1200
1500
1800
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com