Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZV55C Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części BZV55C
Szczegółowy opis  500 mW Sealed Glass Zener Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZV55C Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZV55C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZV55C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZV55C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BZV55C Series
500 mW
Sealed Glass Zener Voltage Regulators
01-August-2009 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener Voltage Range 2.0 to 75 Volts
Mini-MELF Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And
Terminals Are Readily Solderable
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
PACKAGING INFORMATION
Weight: 0.0307 grams (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation
PD
500
mW
Operating Junction and Storage Temperature Range
TJ, TSTG
+175, -65~175
*These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-80 (Mini-MELF)
Millimeter
REF.
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.28
0.50
B
A
C
C


Podobny numer części - BZV55C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
BZV55C EIC-BZV55C Datasheet
43Kb / 2P
ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SynSemi, Inc.
BZV55C SYNSEMI-BZV55C Datasheet
39Kb / 2P
ZENER DIODES
logo
Shenzhen Luguang Electr...
BZV55C LUGUANG-BZV55C Datasheet
211Kb / 4P
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
Kingtronics Internation...
BZV55C KINGTRONICS-BZV55C Datasheet
432Kb / 3P
BZV55C-SERIES SILICON PLANAR ZENER DIODES
More results

Podobny opis - BZV55C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B Datasheet
215Kb / 3P
500 mW Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com