| Zakładka z wyszukiwarką danych komponentów |
|
ASL552 Arkusz danych(PDF) 10 Page - Advanced Semiconductor Business Inc. |
|
|
|||||||||||||||||||||||||||||
ASL552 Arkusz danych(HTML) 10 Page - Advanced Semiconductor Business Inc. |
|
10 / 11 page ![]() 10/11 ASB Inc. sales@asb.co.kr Tel: +82-42-528-7225 June 2017 ASL552 Wideband Linear Push-pull Amplifier MMIC Board Layout (FR4, 40x40 mm2, 0.8T) 0 200 400 600 800 1000 0 5 10 15 20 Frequency (MHz) 0 200 400 600 800 1000 -30 -25 -20 -15 -10 -5 0 Frequency (MHz) 0 200 400 600 800 1000 -30 -25 -20 -15 -10 -5 0 Frequency (MHz) . 1) OIP3 is measured with two tones at an output power of +14 dBm/tone separated by 6 MHz. 2) OIP2 is measured with two tones at an output power of +14 dBm/tone at F1(400 MHz)+F2(450MHz). 3) 60 channels, +42 dBmV per channel (measured at output), measured at 543.25MHz. Schematic APPLICATION CIRCUIT Frequency (MHz) 50 500 860 Noise Figure (dB) 3.3 3.3 3.5 Magnitude S21 (dB) 11.2 11.0 11.0 Magnitude S11 (dB) -18 -17 -16 Magnitude S22 (dB) -18 -17 -16 Output P1dB (dBm) 26 26 26 Output IP31) (dBm) 41 46 42 Output IP22) (dBm) 64 CSO3) (dBc) 76 CTB3) (dBc) 73 Device Voltage (V) +8 Current (mA) 240 Note: MABA-007159 1:1 impedance transformers are used. S-parameters CATV Push-Pull 1 : 1 transformer 50 ~ 860 MHz +8 V |