| Zakładka z wyszukiwarką danych komponentów |
|
CM03-R5P-S-CF Arkusz danych(PDF) 3 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
CM03-R5P-S-CF Arkusz danych(HTML) 3 Page - DDK Ltd. |
|
3 / 3 page ![]() Unit:mm http://www.ddknet.co.jp CM03 Series 3 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ Receptacle With Pin Contacts ○ Plug Receptacle With Socket Contacts Soldering Type Soldering Type P/N : CM03-R5P-S-CF P/N : CM03-PR5S-S-CF Mounting Hole 11 4.8 28 24 1.5 4 φ20.80 Filled with Epoxy Resin 13/16-20UNEF-2A 8.7 7 -16UN-2A 7 8 No.1 No.2 No.5 No.3 No.4 No.1 No.5 No.4 No.2 No.3 24 φ20.80 Filled with Epoxy Resin -16UN-2B 7.3 11.2 3.5 13/16-20UNEF-2A 32 7.6 7 8 No.1 No.2 No.5 No.3 No.4 No.1 No.5 No.3 No.4 No.2 Note: The position numbers are just for your reference and not shown on the connectors. Note: The position numbers are just for your reference and not shown on the connectors. |