| Zakładka z wyszukiwarką danych komponentów |
|
LAN91C100FD Arkusz danych(PDF) 46 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C100FD Arkusz danych(HTML) 46 Page - SMSC Corporation |
|
46 / 79 page ![]() FEAST Fast Ethernet Controller with Full Duplex Capability Rev. 10/14/2002 Page 46 SMSC DS – LAN91C100FD Rev. D PRELIMINARY RX INTR Write Ad. Ptr. Reg. & Read Word 0 from RAM Destination Multicast? Read Words 2, 3, 4 from RAM for Address Filtering Address Filtering Pass? Status Word OK? Do Receive Lookahead Get Copy Specs from Upper Layer Okay to Copy? Copy Data Per Upper Layer Specs Issue "Remove and Release" Command Return to ISR Yes No Yes No No Yes No Yes Figure 5.4 - RX INTR |