| Zakładka z wyszukiwarką danych komponentów |
|
AD7911AUJ-R2 Arkusz danych(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7911AUJ-R2 Arkusz danych(HTML) 17 Page - Analog Devices |
|
17 / 28 page ![]() AD7911/AD7921 Rev. 0 | Page 17 of 28 Table 7 provides some typical performance data with various op amps used as the input buffer, and a 50 kHz input tone under the same setup conditions. Table 7. AD7921 Performance for Various Input Buffers Op Amp in the Input Buffer AD7921 SNR Performance (dB) 50 kHz Input , VDD = 3.6 V Single op amps AD8038 −72.79 AD8510 −72.35 AD8021 −72.2 Dual op amps AD712 −72.68 AD8022 −72.88 When no amplifier is used to drive the analog input, the source impedance should be limited to low values. The maximum source impedance depends on the amount of total harmonic distortion (THD) that can be tolerated. The THD increases as the source impedance increases and performance degrades (see Figure 16). DIGITAL INPUTS The digital inputs applied to the AD7911/AD7921 are not limited by the maximum ratings that limit the analog input. Instead, the digital inputs applied can go to 7 V and are not restricted by the VDD + 0.3 V limit as on the analog input. For example, if the AD7911/AD7921 are operated with a VDD of 3 V, then 5 V logic levels could be used on the digital inputs. How- ever, it is important to note that the data output on DOUT still has 3 V logic levels when VDD = 3 V. Another advantage of SCLK, DIN, and CS not being restricted by the VDD + 0.3 V limit is that power supply sequencing issues are avoided. If CS, DIN, or SCLK are applied before VDD, then there is no risk of latch-up as there would be on the analog inputs, if a signal greater than 0.3 V were applied prior to VDD. DIN INPUT The channel to be converted on in the next conversion is selected by writing to the DIN pin. Data on the DIN pin is loaded into the AD7911/AD7921 on the falling edge of SCLK. The data is transferred into the part on the DIN pin at the same time that the conversion result is read from the part. Only the third bit of the DIN word is used; the rest are ignored by the ADC. The third MSB is the channel identifier bit, which identifies the channel to be converted on in the next conversion, VIN0 (CHN = 0) or VIN1 (CHN = 1). LSB MSB X X CHN X DON'T CARE Figure 24. AD7911/AD7921 DIN Word DOUT OUTPUT The conversion result from the AD7911/AD7921 is provided on this output as a serial data stream. The bits are clocked out on the SCLK falling edge at the same time that the conversion is taking place. The serial data stream for the AD7921 consists of two leading zeros followed by the bit that identifies the channel converted, an invalid bit that matches up to the channel identifier bit, and the 12-bit conversion result with MSB provided first. For the AD7911, the serial data stream consists of two leading zeros followed by the bit that identifies the channel converted, an invalid bit that matches up to the channel identifier bit, and the 10-bit conversion result with MSB provided first, followed by two trailing zeros. LSB AD7911 MSB 00 0 0 CHN X CONVERSION RESULT AD7921 0 0 CHN X CONVERSION RESULT Figure 25. AD7911/AD7921 DOUT Word |