| Zakładka z wyszukiwarką danych komponentów |
|
ECT25S80LM2CR Arkusz danych(PDF) 27 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S80LM2CR Arkusz danych(HTML) 27 Page - E-CMOS Corporation |
|
27 / 45 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 27 of 45 5B16N-Rev.F001 ECT25S80 8M BIT SPI NOR FLASH Deep Power-Down (B9H) Although the standby current during normal operation is relatively low, standby current can Be further reduced with the Deep Power-down instruction. The lower power consumption makes the Deep Power-down (DPD) instruction especially useful for battery powered applications (see ICC1 and ICC2). The instruction is initiated by driving the /CS pin low and shifting the instruction code “ B9h” as shown in Figure 22. The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Deep Power down instruction will not be executed. After /CS is driven high, the power-down state will entered within the time duration of tDP. While in the power-down state only the Release from Deep Power-down / Device ID instruction, which restores the device to normal operation,will be recognized. All other Instructions are ignored. This includes the Read Status Register instruction, which is always available during normal operation. Ignoring all but one instruction also makes the Power Down state a useful condition for securing maximum write protection.The device always powers-up in the normal operation with the standby current of ICC1. Figure 22. Deep Power-Down Sequence Diagram Release from Deep Power-Down/Read Device ID (ABH) The Release from Power-Down or Device ID instruction is a multi-purpose instruction. It can Be used to release the device from the Power-Down state or obtain the devices electronic identification (ID) number. See Figure23a, to release the device from the Power-Down state, the instruction is issued by driving the /CS pi n low, shifting the instruction code “ABH” and driving /CS high Release from Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal operation and other instruction are accepted. The /CS pin must remain high during the tRES1 time duration. When used only to obtain the Device ID while not in the Power-Down state, the instruction is initiated by driving the /CS pin low and shifting the instruction code “ABH” followed by 3- dummy byte. The Device ID bits are then shifted out on the falling edge of SCLK with most significant bit(MSB) first as shown in Figure 23b. The DeviceID value is listed in Manufacturer and Device Identification table.The Device ID can be read continuously. The instruction is completed by driving /CS high. When used to release the device from the Power-Down state and obtain the Device ID, the instruction is the same as previously described, and shown in Figure 23b, except that after /CS is driven high it must remain high for a time duration of tRES2 (See AC Characteristics). After |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |