| Zakładka z wyszukiwarką danych komponentów |
|
LT1933 Arkusz danych(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1933 Arkusz danych(HTML) 8 Page - Linear Technology |
|
8 / 16 page ![]() 8 LT1933 1933f voltage rating. This situation is easily avoided; see the Hot Plugging Safely section. Output Capacitor The output capacitor has two essential functions. Along with the inductor, it filters the square wave generated by the LT1933 to produce the DC output. In this role it determines the output ripple, and low impedance at the switching frequency is important. The second function is to store energy in order to satisfy transient loads and stabilize the LT1933’s control loop. Ceramic capacitors have very low equivalent series resis- tance (ESR) and provide the best ripple performance. A good value is COUT = 60/VOUT where COUT is in µF. Use X5R or X7R types, and keep in mind that a ceramic capacitor biased with VOUT will have less than its nominal capacitance. This choice will provide low output ripple and good transient response. Transient performance can be improved with a high value capacitor, but a phase lead capacitor across the feedback resistor R1 may be required to get the full benefit (see the Compensa- tion section). High performance electrolytic capacitors can be used for the output capacitor. Low ESR is important, so choose one that is intended for use in switching regulators. The ESR should be specified by the supplier, and should be 0.1Ω or less. Such a capacitor will be larger than a ceramic capacitor and will have a larger capacitance, because the capacitor must be large to achieve low ESR. Table 2 lists several capacitor vendors. Figure 1 shows the transient response of the LT1933 with several output capacitor choices. The output is 3.3V. The load current is stepped from 100mA to 400mA and back to 100mA, and the oscilloscope traces show the output voltage. The upper photo shows the recommended value. The second photo shows the improved response (less voltage drop) resulting from a larger output capacitor and a phase lead capacitor. The last photo shows the response to a high performance electrolytic capacitor. Transient performance is improved due to the large output capaci- tance, but output ripple (as shown by the broad trace) has increased because of the higher ESR of this capacitor. Table 2. Capacitor Vendors Vendor Phone URL Part Series Comments Panasonic (714) 373-7366 www.panasonic.com Ceramic, Polymer, EEF Series Tantalum Kemet (864) 963-6300 www.kemet.com Ceramic, Tantalum T494, T495 Sanyo (408) 749-9714 www.sanyovideo.com Ceramic, Polymer, POSCAP Tantalum Murata (404) 436-1300 www.murata.com Ceramic AVX www.avxcorp.com Ceramic, Tantalum TPS Series Taiyo Yuden (864) 963-6300 www.taiyo-yuden.com Ceramic APPLICATIO S I FOR ATIO |