| Zakładka z wyszukiwarką danych komponentów |
|
AD7616-PBSTZ Arkusz danych(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7616-PBSTZ Arkusz danych(HTML) 39 Page - Analog Devices |
|
39 / 47 page ![]() AD7616-P Data Sheet Rev. 0 | Page 38 of 46 CHANNEL REGISTER Address: 0x03, Reset: 0x0000, Name: Channel Register In software manual mode, the channel register selects the input channel or self test channel for the next conversion. Table 20. Bit Descriptions for the Channel Register Bits Bit Name Settings Description Reset Access [15:9] Addressing Bits[15:9] define the address of the relevant register. See the Addressing Registers section for further details. 0x0 R/W 8 RESERVED Reserved. 0x0 R/W [7:4] CHB Channel selection bits for ADC B channels. 0000 V0B. 0001 V1B. 0010 V2B. 0011 V3B. 0100 V4B. 0101 V5B. 0110 V6B. 0111 V7B. 1000 VCC. 1001 ALDO. 1010 Reserved. 1011 0x5555. Set the dedicated bits for digital interface communication self test function. When conversion codes are read, Code 0x5555 is output as the conversion code of Channel B. 1100 Reserved. [3:0] CHA Channel selection bits for ADC A Channels. Settings are the same as for ADC B. 0x0 R/W 0000 V0A. 0001 V1A. 0010 V2A. 0011 V3A. 0100 V4A. 0101 V5A. 0110 V6A. 0111 V7A. 1000 VCC. 1001 ALDO. 1010 Reserved. 1011 0xAAAA. Set the dedicated bits for digital interface communication self test function. When conversion codes are read, Code 0xAAAA is read out as the conversion code of Channel A. 1100 Reserved. Channel Selection bits for ADC A Channels 1100: Res erved. 1011: 0XAAAA. 1010: Res erved. ... 10: V2A. 1: V1A. 0: V0A. Channel Selection bits for ADC B Channels 1100: Res erved. 1011: 0x5555. 1010: Res erved. ... 10: V2B. 1: V1B. 0: V0B. 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 10 0 11 0 12 0 13 0 14 0 15 0 [15:9] Addressing (R/W) [3:0] CHA (R/W) [8] RESERVED [7:4] CHB (R/W) |