Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL6V2C Arkusz danych(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Numer części PL6V2C
Szczegółowy opis  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Strona internetowa  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL6V2C Arkusz danych(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  PL6V2C Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL6V2C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Zener Diodes 1W
PL3V6C to PL91C ,SOD-123
Nominal Zener
Voltage(1)
Test
Current
Differential
Resistance
Temperature
Coeffizient
Maximum Reverse
Leakage Current
VZ@IZT
IZT
rdif@IZT
αVZ @IZ
IR
VR
(V)
(mA)
(Ω)
%/℃
(uA)
(V)
Type
No.
Device
Marking
Code
Min
Max
Typ
Max
Min
Max
Max
PL3V6C
W5
3.4
3.8
100
4.0
8.0
-0.14
-0.04
100
1.0
PL3V9C
W6
3.7
4.1
100
4.0
8.0
-0.14
-0.04
50
1.0
PL4V3C
W7
4.0
4.6
100
4.0
7.0
-0.12
-0.02
25
1.0
PL4V7C
W8
4.4
5.0
100
3.0
7.0
-0.1
0
10
1.0
PL5V1C
W9
4.8
5.4
100
3.0
6.0
-0.08
0.2
5.0
1.0
PL5V6C
WA
5.2
6.0
100
2.0
4.0
-0.04
0.04
10
2.0
PL6V2C
WB
5.8
6.6
100
2.0
3.0
-0.01
0.06
5.0
2.0
PL6V8C
WC
6.4
7.2
100
1.0
3.0
0
0.07
10
3.0
PL7V5C
WD
7.0
7.9
100
1.0
2.0
0
0.07
50
3.0
PL8V2C
WE
7.7
8.7
100
1.0
2.0
0.03
0.08
10
3.0
PL9V1C
WF
8.5
9.6
50
2.0
4.0
0.03
0.08
10
3.0
PL10C
WG
9.4
10.6
50
2.0
4.0
0.05
0.09
7.0
7.5
PL11C
WH
10.4
11.6
50
4.0
7.0
0.05
0.1
4.0
8.2
PL12C
WI
11.4
12.7
50
4.0
7.0
0.05
0.1
3.0
9
PL13C
WK
12.4
14.1
50
5.0
10
0.05
0.1
2.0
10
PL15C
WL
13.8
15.6
50
5.0
10
0.05
0.1
1.0
11
PL16C
WM
15.3
17.1
25
6.0
15
0.06
0.11
1.0
12
PL18C
WN
16.8
19.1
25
6.0
15
0.06
0.11
1.0
13
PL20C
WO
18.8
21.2
25
6.0
15
0.06
0.11
1.0
15
PL22C
WP
20.8
23.3
25
6.0
15
0.06
0.11
1.0
16
PL24C
WR
22.8
25.6
25
7.0
15
0.06
0.11
1.0
18
PL27C
WS
25.1
28.9
25
7.0
15
0.06
0.11
1.0
20
PL30C
WT
28
32
25
8.0
15
0.06
0.11
1.0
22
PL33C
WU
31
35
25
8.0
15
0.06
0.11
1.0
24
PL36C
WW
34
38
10
21
40
0.06
0.11
1.0
27
PL39C
WX
37
41
10
21
40
0.06
0.11
1.0
30
PL43C
WY
40
46
10
24
45
0.07
0.12
1.0
33
PL47C
WZ
44
50
10
24
45
0.07
0.12
1.0
36
PL51C
X1
48
54
10
25
60
0.07
0.12
1.0
39
PL56C
X2
52
60
10
25
60
0.07
0.12
1.0
43
PL62C
X3
58
66
10
25
80
0.08
0.13
1.0
47
PL68C
X4
64
72
10
25
80
0.08
0.13
1.0
51
PL75C
X5
70
79
10
30
100
0.08
0.13
1.0
56
PL82C
X6
77
87
10
30
100
0.08
0.13
1.0
62
PL91C
X7
85
96
5.0
60
200
0.09
0.13
1.0
68
SOD-123
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com