| Zakładka z wyszukiwarką danych komponentów |
|
AD9656EBZ Arkusz danych(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9656EBZ Arkusz danych(HTML) 12 Page - Analog Devices |
|
12 / 47 page ![]() Data Sheet AD9656 Rev. A | Page 11 of 46 ABSOLUTE MAXIMUM RATINGS Table 8. Parameter Rating Electrical AVDD to AGND −0.3 V to +2.0 V DRVDD to AGND −0.3 V to +2.0 V DVDD to DVSS −0.3 V to +2.0 V SVDD to AGND −0.3 V to +3.9 V Digital Outputs to AGND −0.3 V to +2.0 V CLK+, CLK− to AGND −0.3 V to +2.0 V VINx+, VINx− to AGND −0.3 V to +2.0 V SYSREF± to AGND −0.3 V to +2.0 V SYNCINB± to AGND −0.3 V to +2.0 V SCLK, SDIO, CSB, PDWN to AGND −0.3 V to +3.9 V SYNC to AGND −0.3 V to +2.0 V RBIAS to AGND −0.3 V to +2.0 V VCM, VREF, SENSE to AGND −0.3 V to +2.0 V Environmental Operating Temperature Range (Ambient) −40°C to +85°C Maximum Junction Temperature 150°C Lead Temperature (Soldering, 10 sec) 300°C Storage Temperature Range (Ambient) −65°C to +150°C Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. THERMAL RESISTANCE θJA is for a 4-layer printed circuit board (PCB) with solid ground plane (simulated). The exposed pad is soldered to the PCB ground. Table 9. Thermal Resistance Package Type Air Flow Velocity (m/sec) θJA (°C/W) θJB (°C/W)1 θJC Top (°C/W)1 θJC Bottom (°C/W)1 56-Lead LFCSP, 8 mm × 8 mm 0 22.4 7.7 7.42 2.29 1 19.0 N/A N/A N/A 2.5 17.6 N/A N/A N/A 1 N/A means not applicable. ESD CAUTION |