| Zakładka z wyszukiwarką danych komponentów |
|
AN574 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN574 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() 2.3. Electrical Schematics. Figure 2 : Electrical Schematics The Transil may be unidirectional (Fig. 2 (A)) or bidirectional (Fig. 2 (B)). In unidirectional form, it operates as a clamping device in one sense and like a rectifier in the other. The Trisil may be designed to function with a fixed breakover value (fig. 2 (c)) or a value which can be programmed by the gate (fig.2(D)). Figure 3 : Electrical behaviour in a Transil and a Trisil For the same surge (A), figure 3 shows the electrical behaviour of a Transil and a Trisil. The parts (B) and (C) of figure 3 give the voltage across the Transil and the current through it. It is important to note that the current flows through the protection device only during the clamping phase. This fact has to be taken into account when the protector is chosen, because the current duration is always shorter than that of the overvoltage surge. The parts (D) and (E) of figure 3 relate to the Trisil behaviour. In this case the device fires when the voltage across it reaches the breakdown voltage VBO and remains in the on-state until the current falls under the holding value IH. The current flows through the Trisil during all of the on-state phase. 2.3. Electrical Behaviour. (A) (B) TRANSIL GATE (C) (D) TRISIL (A) (B) (C) (D) (E) t t t t t V CL V BO I P1 I P2 I H Surge Voltage across the TRANSIL Current through the TRANSIL Voltage across the TRISIL Current through the TRISIL ® APPLICATION NOTE 2/4 |