Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EM1611S Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części EM1611S
Szczegółowy opis  Embedded MicroBox for 3.5 Capa Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EM1611S Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  EM1611S_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
415
* All specifications and photos are subject to change without notice.
Applications
Packing List
Ordering Information
Dimensions
Wallmount PC controller
Embedded PC controller
Unattended controller
Compact industrial PC
1 x AC power cord (for AC version)
1 x Wall mount bracket
Standard
EM1611S
Embedded MicroBox for 3.5" embedded board
Option main board
3.5" CAPA Boards
Optional
72W AC AT power supply
72W DC AT power supply
*Specifications and certifications are based on options and may vary.
Specifications
Standard Color
Silver
Construction
Heavy-duty cold-rolled steel
Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Front Panel I/O
2 x USB 2.0
Rear Panel I/O
1 x AT power button
4 x 9-pin D-sub connector
1 x VGA
1 x PS/2 keyboard/mouse through Y-type cable
1 x USB 2.0
1 x LPT
Expansion Interface
N/A
Drive Capacity
1 x 2.5" HDD
1 x CompactFlash™
Cooling
1 x 40 x 40 x 20 mm system fan
Power Supply
AT 72 W
Input: AC 90 ~ 260V
Output: +5V @ 10A, +12V @ 1.5A, -12V @ 0.3A
AT 72 W
Input: DC 9 ~ 18V
Output: +5V @ 10A, +12V @ 1.5A, -12V @ 0.3A
AT 72 W
Input: DC 18 ~ 36V
Output: +5V @ 10A, +12V @ 1.5A, -12V @ 0.3A
Dimensions
225 mm (8.86") (W) x 225 mm (8.86") (D) x 51 mm (2.0") (H)
Environment
EMI pre-scan meets EN 55022 Class A
Front view
Compact design
Rear view
Rich I/O outlet
EM1611S
Embedded MicroBox for 3.5" Capa Board
Designed for 3.5" Capa board
Full I/O function
Slim compact design with one system cooling
One 2.5" HDD drive bay
4 COM ports outlet
Quick customization project supported
Features


Podobny numer części - EM1611S_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S_16 Datasheet
229Kb / 1P
Embedded MicroBox for 3.5 Capa Board
More results

Podobny opis - EM1611S_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
EBPC-3500 ADVANTECH-EBPC-3500 Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
logo
Protech Systems Co., Lt...
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
Intel Atom??Z510/ Z530 3.5" Embedded Board
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S_16 Datasheet
229Kb / 1P
Embedded MicroBox for 3.5 Capa Board
EM60320I AXIOMTEK-EM60320I_16 Datasheet
182Kb / 1P
Embedded MicroBox for Mini ITX SBC
EM60323 AXIOMTEK-EM60323_16 Datasheet
210Kb / 1P
Embedded MicroBox for Mini ITX SBC
AX60630 AXIOMTEK-AX60630 Datasheet
250Kb / 1P
Embedded MicroBox for Low Power Mini-ITX SBC
AX60650 AXIOMTEK-AX60650 Datasheet
430Kb / 1P
Embedded MicroBox for Mini-ITX SBC
EM60320I AXIOMTEK-EM60320I_17 Datasheet
178Kb / 1P
Embedded MicroBox for Mini-ITX SBC
EM60323 AXIOMTEK-EM60323_17 Datasheet
209Kb / 1P
Embedded MicroBox for Mini-ITX SBC
logo
DFI Inc
ES520 DFI-ES520 Datasheet
2Mb / 2P
Embedded Chassis for 3.5" SBC
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com