Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AXQCM520-AU Arkusz danych(PDF) 1 Page - Advanced XTAL Products

Numer części AXQCM520-AU
Szczegółowy opis  Size compatible to Ulvac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXTAL [Advanced XTAL Products]
Strona internetowa  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXQCM520-AU Arkusz danych(HTML) 1 Page - Advanced XTAL Products

  AXQCM520-AU Datasheet HTML 1Page - Advanced XTAL Products AXQCM520-AU Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXQCM520‐Au 
www.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
page 
1(2) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXQCM520‐Au 
Rev.: 2 
Date: 2014‐06‐02 
Oscillator type :      Quartz Crystal Microbalance Element 
 
Size compatible to Ulvac(Initium), Showa, Sloan 
 
Parameter 
min.
typ.  max. Unit 
Condition 
Nominal frequency 
5.000 
MHz  
Adjustment  frequency 
4.995 
MHz  
Crystal cut 
AT  
 
Overtone 
1  
 
Adjustment tolerance 
‐5  
+5 
kHz 
@ 25°C 
Frequency stability 
   
 
 
Over operating temperature range ‐50  
+50 
ppm  
Resonance resistance Rr 
  
30 
 
Motional capacitance C1 
   
fF  
Shunt capacitance C0 
  
pF  
Drive level 
 
100  
µW 
 
Operating temperature range 
0  
+70 
°C  
Storage temperature range 
‐40  
+105  °C  
QCM diameter 
12.45 +0/‐0.03 
mm  
Blank surface quality 
Fine lapped  
 
Electrode diameter Side A 
11.5 ± 0.1 
mm 
See drawing 
Electrode material Side A 
Cr‐Au  
 
Electrode diameter Side B 
11.5 ± 0.1 
mm 
See drawing 
Electrode material Side B 
Cr‐Au  
 
 
 
A‐Side (plano)      
B‐Side (convex) 
 
φ 12. 45mm +0 - 0.03mm
φ 12. 45mm +0 - 0. 03mm
 
 
  
      Ordering Code:   
Model (Specification) 
Frequency [MHz] 
AXQCM520‐Au 
4.995 
 


Podobny numer części - AXQCM520-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced XTAL Products
AXQCM520-AG AXTAL-AXQCM520-AG Datasheet
252Kb / 2P
Size compatible to Ulvac
More results

Podobny opis - AXQCM520-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
Full Size Clock Oscillators TTL Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
Full Size Clock Oscillators TTL Compatible
08-Mar-11
logo
Advantech Co., Ltd.
PCA-6108-0B2E ADVANTECH-PCA-6108-0B2E Datasheet
2Mb / 2P
Backplanes Compatible with Half-Size SBCs
PCA-6106-0B2E ADVANTECH-PCA-6106-0B2E Datasheet
2Mb / 2P
Backplanes Compatible with Half-Size SBCs
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E_12 Datasheet
2Mb / 2P
Backplanes Compatible with Half-Size SBCs
PCE-3B04-03A1E ADVANTECH-PCE-3B04-03A1E Datasheet
367Kb / 2P
Backplanes Compatible with Half-Size SBCs
logo
Advanced XTAL Products
AXQCM520-AG AXTAL-AXQCM520-AG Datasheet
252Kb / 2P
Size compatible to Ulvac
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com