| Zakładka z wyszukiwarką danych komponentów |
|
LPC47M182 Arkusz danych(PDF) 63 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M182 Arkusz danych(HTML) 63 Page - SMSC Corporation |
|
63 / 223 page ![]() Advanced I/O Controller with Motherboard GLUE Logic Datasheet SMSC LPC47M182 63 Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05) DATASHEET SENSE DRIVE STATUS DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 1 0 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 Result R ST3 Status information about FDD SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W NCN Execution Head positioned over proper cylinder on diskette. CONFIGURE DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 1 0 0 1 1 Configure Information W 0 0 0 0 0 0 0 0 W 0 EIS EFIFO POLL FIFOTHR Execution W PRETRK RELATIVE SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 1 DIR 0 0 1 1 1 1 W 0 0 0 0 0 HDS DS1 DS0 W RCN DUMPREG DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 0 *Note: Registers placed in FIFO Execution Result R PCN-Drive 0 R PCN-Drive 1 R PCN-Drive 2 R PCN-Drive 3 R SRT HUT R HLT ND R SC/EOT R LOCK 0 D3 D2 D1 D0 GAP WGATE R 0 EIS EFIFO POLL FIFOTHR R PRETRK |