| Zakładka z wyszukiwarką danych komponentów |
|
MS1003SH Arkusz danych(PDF) 36 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MS1003SH Arkusz danych(HTML) 36 Page - Shindengen Electric Mfg.Co.Ltd |
|
36 / 41 page ![]() MS1003SH・MS1004SH Application Note Ver.2.2 SHINDENGEN ELECTRIC MFG. CO. , LTD 36/41 * Setting the on duty ratio (D) The on duty ratio D is determined primarily by the withstand voltage of the main switching device and the corresponding heat buildup. The following table lists changes in characteristics resulting from changes in D. On duty ratio (D) Decrease ⇔ Increase Voltage applied to the main SW device Fall ⇔ Rise Main SW device peak current Increase ⇔ Decrease Main SW device switching loss Increase ⇔ Decrease Main SW device conduction loss Increase ⇔ Decrease Operating frequency fluctuation range Decrease ⇔ Increase (3) Calculating the primary inductance and the main switch peak current Substitute Formula 4: 3 1 (max) 10 50 47 . 0 on t =9.4[μs] and Formula 9: 47 . 0 102 85 . 0 2 . 1 2 . 25 2 DP I =1.484[A] into Formula 10. Formula 10: 484 . 1 10 4 . 9 102 6 Lp =0.646[mH] (4) Calculating the number of turns in the primary coil Substitute Formula 4: 3 (min) 1 (max) 10 50 47 . 0 f D t on =9.4[μs] into Formula 11. Formula 11: 464 . 0 300 10 10 4 . 9 102 10 7 6 7 1 (max) (min) Ae B t V Np on DC =68.88[Turn] Round the result to the nearest integer, i.e., Np = 68 turns. (Round up the result when adjusting D upwards. In the example, the result is rounded down to adjust it downwards.) (5) Calculating the number of turns in the control output coil Formula 6: 12 3 10 470 10 646 . 0 14 . 3 tq =1.73[μs] Formula 13: 6 6 6 3 1 10 6 . 9 102 ) 10 73 . 1 10 4 . 9 10 50 1 ( 68 ) 6 . 0 12 ( S N =7.76[Turn] Round the result to the nearest integer, i.e., NS1 = 8 turns. (Round down the result when adjusting D upwards. In the example, the result is rounded up to adjust it downwards.) |