| Zakładka z wyszukiwarką danych komponentów |
|
UB225KKG015F-3JB Arkusz danych(PDF) 12 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
UB225KKG015F-3JB Arkusz danych(HTML) 12 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
12 / 12 page ![]() Series UB2 Low Profile Pushbuttons D103 D www.nkkswitches.com Beveled Cap Lens Film Insert or Diffuser Lens Film Insert or Diffuser Flat Cap Sculptured Cap Lens Lens Film Insert Diffuser (11.5) Sq .453 (9.98) Sq .393 (0.76) Typ .030 (13.4) Sq .528 (11.88) Sq .468 (0.76) Typ .030 (0.5) R .020 (15.0) Sq .591 (13.5) Sq .531 (0.76) Typ .030 (13.4) Sq .528 (11.88) Dia .468 (0.5) R .020 (0.76) Typ .030 (14.48) Dia .570 (12.96) Dia .510 (0.76) Typ .030 Film Insert: Clear Polyester 4 mil maximum thickness LEGENDS Suggested Printable Area for UB2 Lens, Film Insert or Diffuser Recommended Methods: Laser Etch on clear lens, Screen Print or Pad Print on lens; Laser Print on film insert. Shaded areas are printable areas. NKK Switches can provide custom legends for caps. Contact factory for more information. |