| Zakładka z wyszukiwarką danych komponentów |
|
PCMP389J52 Arkusz danych(PDF) 2 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP389J52 Arkusz danych(HTML) 2 Page - World Produts Inc. |
|
2 / 16 page ![]() Pilkor components AC and Pulse PCMP 389 Metallized Polypropylene film capacitors 154 Ordering Information * Reduced pitch (Reduced lead spacings) Available versions Product (lmax) 12.5 18.0 26.0 31.0 Code Packing method C-tol. Lead length & Height Hole to hole ( P0 ) Pitch (P) 2 Loose in box ± 5% lt = 5.0±1.0mm - 10.0 15.0 22.5 27.5 3 Loose in box ± 5% lt =25.0±2.0mm - 10.0 15.0 22.5 27.5 5 Ammo packing ± 5% H=18.5mm 12.7mm 10.0 15.0 22.5 27.5 A Ammo packing ± 5% H0=16.0mm 15.0mm 7.5(*) 7.5(*) - - Type series Capacitance PCMP 389 (X) X X XXX Code Voltage 4 250V 5 400V 6 630V l h P0 H0 5.0 max b dt l P0 h H *Code Original pitch F 15.0mm J 22.5mm L 27.5mm * In case of overlapping the value, use the 13NC with pitch information. h l lt P |