Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCMP384J23 Arkusz danych(PDF) 4 Page - World Produts Inc.

Numer części PCMP384J23
Szczegółowy opis  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WPI [World Produts Inc.]
Strona internetowa  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384J23 Arkusz danych(HTML) 4 Page - World Produts Inc.

  PCMP384J23 Datasheet HTML 1Page - World Produts Inc. PCMP384J23 Datasheet HTML 2Page - World Produts Inc. PCMP384J23 Datasheet HTML 3Page - World Produts Inc. PCMP384J23 Datasheet HTML 4Page - World Produts Inc. PCMP384J23 Datasheet HTML 5Page - World Produts Inc. PCMP384J23 Datasheet HTML 6Page - World Produts Inc. PCMP384J23 Datasheet HTML 7Page - World Produts Inc. PCMP384J23 Datasheet HTML 8Page - World Produts Inc. PCMP384J23 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
188
VRdc = 250 V
VRac = 125 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
0.024
0.027
0.030
0.033
0.036
0.039
4.0 x 10.0 x 12.5
0.8
PCMP 384 42103
PCMP 384 42113
PCMP 384 42123
PCMP 384 42133
PCMP 384 42153
PCMP 384 42163
PCMP 384 42183
PCMP 384 42203
PCMP 384 42223
PCMP 384 42243
PCMP 384 42273
PCMP 384 42303
PCMP 384 42333
PCMP 384 42363
PCMP 384 42393
PCMP 384 4A103
PCMP 384 4A113
PCMP 384 4A123
PCMP 384 4A133
PCMP 384 4A153
PCMP 384 4A163
PCMP 384 4A183
PCMP 384 4A203
PCMP 384 4A223
PCMP 384 4A243
PCMP 384 4A273
PCMP 384 4A303
PCMP 384 4A333
PCMP 384 4A363
PCMP 384 4A393
0.043
0.047
0.051
0.056
5.0 x 11.0 x 12.5
0.9
PCMP 384 42433
PCMP 384 42473
PCMP 384 42513
PCMP 384 42563
PCMP 384 4A433
PCMP 384 4A473
PCMP 384 4A513
PCMP 384 4A563
0.062
0.068
0.075
0.082
6.0 x 12.0 x 12.5
1.0
PCMP 384 42623
PCMP 384D42683
PCMP 384D42753
PCMP 384D42823
PCMP 384 4A623
PCMP 384D4A683
PCMP 384D4A753
PCMP 384D4A823
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.068
0.075
0.082
0.091
0.10
5.0 x 11.0 x 18.0
1.2
PCMP 384 42683
PCMP 384 42753
PCMP 384 42823
PCMP 384 42913
PCMP 384 42104
PCMP 384 4A683
PCMP 384 4A753
PCMP 384 4A823
PCMP 384 4A913
PCMP 384 4A104
0.11
0.12
0.13
0.15
6.0 x 12.0 x 18.0
1.4
PCMP 384 42114
PCMP 384 42124
PCMP 384 42134
PCMP 384 42154
PCMP 384 4A114
PCMP 384 4A124
PCMP 384 4A134
PCMP 384 4A154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com