Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DISN0165SP Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części DISN0165SP
Szczegółowy opis  Switching Control Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DISN0165SP Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  DISN0165SP Datasheet HTML 1Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 2Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 3Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 4Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 5Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 6Page - Cystech Electonics Corp. DISN0165SP Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C211SP
Issued Date : 2017.11.08
Revised Date :
Page No. : 2/7
DISN0165SP
Preliminary
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol
Value
Units
Repetitive peak reverse voltage
VRRM
650
V
RMS voltage
VRMS
455
V
Continuous reverse voltage
VR
650
V
Forward rectified current
Single phase half wave,
60Hz @TJ=25°C
IF(AV)
1
A
Repetitive Peak Forward Current
Single phase half wave,
60Hz @TJ=25°C
IFRM
1.57
A
Forward surge current
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
IFSM
14
A
Maximum reverse recovery time
IF=1A, dIF/dt=100A/μs
trr
1
μs
Storage temperature range
Tstg
-55~+150
C
Operating junction temperature range
Tj
-55~+150
C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
12.5
C/W
Thermal Resistance, Junction-to-ambient, max (Note 1 )
Rth,j-a
39
Thermal Resistance, Junction-to-ambient, max (Note 2 )
75
Thermal Resistance, Junction-to-ambient, max (Note 3)
169
Power Dissipation @ TC=25°C
PD
10
W
Power Dissipation @ TA=25°C
(Note 1 )
3.2
Power Dissipation @ TA=25°C
(Note 2 )
1.7
Power Dissipation @ TA=25°C
(Note 3 )
0.74
Note: 1. Device mounted on FR-4 PCB, single sided 2 oz. copper, pad dimension 50mm×50mm.
2. Device mounted on FR-4 PCB, single sided 1 oz. copper, pad dimension 25mm×25mm.
3. Device mounted on FR-4 PCB, single sided 1 oz. copper, minimum recommended pad dimension.
Characteristics (TA=25C, unless otherwise noted)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
Continuous reverse voltage
VR
IR=100μA
650
-
-
V
Forward Voltage
VF 1
IF=100mA
-
-
1.1
V
VF 2
IF=500mA
-
-
1.2
Reverse Leakage Current
IR
VR=540V
-
-
100
nA
VR=540V, TA=125C
-
-
10
μA
Junction Capacitance
CJ
VR=1V, f=1MHz
-
7
-
pF



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com