| Zakładka z wyszukiwarką danych komponentów |
|
ST72324BL Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324BL Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 151 page ![]() ST72F324L, ST72324BL 12/151 3 REGISTER & MEMORY MAP As shown in Figure 5, the MCU is capable of ad- dressing 64K bytes of memories and I/O registers. The available memory locations consist of 128 bytes of register locations, up to 1024 bytes of RAM and up to 32 Kbytes of user program memo- ry. The RAM space includes up to 256 bytes for the stack from 0100h to 01FFh. The highest address bytes contain the user reset and interrupt vectors. IMPORTANT: Memory locations marked as “Re- served” must never be accessed. Accessing a re- served area can have unpredictable effects on the device. Figure 5. Memory Map 0000h RAM Program Memory (32K, 16K or 8K) Interrupt & Reset Vectors HW Registers 0080h 007Fh 7FFFh (see Table 2) 8000h FFDFh FFE0h FFFFh (see Table 8) 0880h Reserved 087Fh Short Addressing RAM (zero page) 256 Bytes Stack 16-bit Addressing RAM 0100h 01FFh 027Fh 0080h 0200h 00FFh 32 KBytes 8000h FFFFh (1024, or 047Fh 16 KBytes C000h 512 or 384 Bytes) 8 Kbytes E000h 1 |