| Zakładka z wyszukiwarką danych komponentów |
|
TPS2848PWPR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2848PWPR Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 20 page ![]() TPS2838, TPS2839 TPS2848, TPS2849 SLVS367A – MARCH 2001 – REVISED JUNE 2001 2 www.ti.com description (continued) The SYNC pin can be used regardless of load to disable the synchronous FET driver and operate the power supply nonsynchronously. A power ready/undervoltage lockout function outputs the status of the VCC-pin voltage and driver regulator output on the open-drain PWRRDY pin. This feature can be used to enable a controller’s output once the VCC voltage reaches the threshold and the regulator output is stable. This function ensures both FET drivers are off when the VCC voltage is below the voltage threshold. The TPS2838/39/48/49 devices are offered in the thermally enhanced 14-pin and 16-pin PowerPAD TSSOP package. The PowerPAD package features an exposed leadframe on the bottom that can be soldered to the printed-circuit board to improve thermal efficiency. The TPS2838/48 are noninverting control logic while the TPS2839/49 drivers are inverting control logic. |