Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7747 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7747
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7747 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7747_17 Datasheet HTML 6Page - Analog Devices AD7747_17 Datasheet HTML 7Page - Analog Devices AD7747_17 Datasheet HTML 8Page - Analog Devices AD7747_17 Datasheet HTML 9Page - Analog Devices AD7747_17 Datasheet HTML 10Page - Analog Devices AD7747_17 Datasheet HTML 11Page - Analog Devices AD7747_17 Datasheet HTML 12Page - Analog Devices AD7747_17 Datasheet HTML 13Page - Analog Devices AD7747_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD7747
Rev. 0 | Page 9 of 28
150
–150
01k
PARALLEL RESISTANCE (MΩ)
10
100
100
50
0
–50
–100
Figure 10. Capacitance Input Error vs. Parallel Resistance;
CIN(+) to GND = 8 pF, VDD = 5 V
0
–1000
0
200
CIN TO SHLD RESISTANCE (kΩ)
–100
–200
–300
–400
–500
–600
–700
–800
–900
25
50
75
100
125
150
175
Figure 11. Capacitance Input Error vs. Resistance Between CIN1(+) and SHLD;
CIN(+) to GND = 8 pF, VDD= 5 V
100
–1000
0.091
CIN TO SHLD RESISTANCE (MΩ)
–100
0
–200
–300
–400
–500
–600
–700
–800
–900
0.27
0.48
0.96
5
25
100
Figure 12. Capacitance Input Error vs. Resistance Between CIN(+) and SHLD;
CIN(+) to GND = 25 pF, VDD = 5 V
1.0
–1.0
0.01
100
SHLD TO GND RESISTANCE (MΩ)
0.1
1.0
10.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
Figure 13. Capacitance Input Error vs. Resistance Between SHLD and GND;
CIN(+) to GND = 8 pF; VDD = 5 V
10
–100
1
100
SERIAL RESISTANCE (kΩ)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
25 pF
8 pF
Figure 14. Capacitance Input Error vs. Serial Resistance;
CIN(+) to GND = 8 pF and 25pF, VDD = 5 V
0.2
–0.6
2.5
5.5
VDD (V)
0
–0.2
–0.4
3.0
3.5
4.0
4.5
5.0
Figure 15. Capacitance Input Power Supply Rejection (PSR);
CIN(+) to GND = 8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com