| Zakładka z wyszukiwarką danych komponentów |
|
74ALVC573D Arkusz danych(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC573D Arkusz danych(HTML) 12 Page - NXP Semiconductors |
|
12 / 20 page ![]() 2003 Jun 25 12 Philips Semiconductors Product specification Octal D-type transparent latch; 3-state 74ALVC573 PACKAGE OUTLINES UNIT A max. A1 A2 A3 bp cD (1) E (1) (1) eHE LLp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 13.0 12.6 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 SOT163-1 10 20 w M b p detail X Z e 11 1 D y 0.25 075E04 MS-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.51 0.49 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale X θ A A1 A2 HE L p Q E c L v M A (A ) 3 A SO20: plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 99-12-27 03-02-19 |