| Zakładka z wyszukiwarką danych komponentów |
|
ISC-1313F-I Arkusz danych(PDF) 2 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
ISC-1313F-I Arkusz danych(HTML) 2 Page - ORing Industrial Networking Corp |
|
2 / 3 page ![]() Designed for Rugged Excellence 2-49 2-49 ORing Media Converter Model ISC-1212-I Physical Ports RS-422/485 Connector 10-pin terminal block RS-422/485 Signals RS-422 : TX+, TX-, RX+, RX- RS-485 : Data+, Data- Baud Rate 300 ~ 115.2 Kbps Data bit 5, 6, 7, 8 Stop bit 1, 1.5, 2 Dimensions (Unit=mm) Specifications Pin Assignment Inputs RS-422/485 Terminal Block Pin Assignment Interface RS-485 Reserved RS-422 Reserved Power Input Pin No. 1 2 3 4 5 6 7 8 9 10 Info Data+ Data- N.C. TX+ TX- RX+ RX- N.C. V+ GND Outputs RS-422/485 Terminal Block Pin Assignment Interface RS-485 Reserved RS-422 Reserved Pin No. 20 19 18 17 16 15 14 13 12 11 Info Data+ Data- N.C. TX+ TX- RX+ RX- N.C. v1.5 / Dec, 2011 Industrial Media Converter Serial to Serial Media Converter |