Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT49BV802AT Arkusz danych(PDF) 5 Page - ATMEL Corporation

Numer części AT49BV802AT
Szczegółowy opis  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Arkusz danych(HTML) 5 Page - ATMEL Corporation

  AT49BV802AT Datasheet HTML 1Page - ATMEL Corporation AT49BV802AT Datasheet HTML 2Page - ATMEL Corporation AT49BV802AT Datasheet HTML 3Page - ATMEL Corporation AT49BV802AT Datasheet HTML 4Page - ATMEL Corporation AT49BV802AT Datasheet HTML 5Page - ATMEL Corporation AT49BV802AT Datasheet HTML 6Page - ATMEL Corporation AT49BV802AT Datasheet HTML 7Page - ATMEL Corporation AT49BV802AT Datasheet HTML 8Page - ATMEL Corporation AT49BV802AT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
AT49BV802A(T)
3405C–FLASH–9/04
DATA POLLING: The AT49BV802A(T) features Data Polling to indicate the end of a program
cycle. If the status configuration register is set to a “00”, during a program cycle an attempted
read of the last byte/word loaded will result in the complement of the loaded data on I/O7.
Once the program cycle has been completed, true data is valid on all outputs and the next
cycle may begin. During a chip or sector erase operation, an attempt to read the device will
give a “0” on I/O7. Once the program or erase cycle has completed, true data will be read from
the device. Data Polling may begin at any time during the program cycle. Please see “Status
Bit Table” on page 10 for more details.
If the status bit configuration register is set to a “01”, the I/O7 status bit will be low while the
device is actively programming or erasing data. I/O7 will go high when the device has com-
pleted a program or erase operation. Once I/O7 has gone high, status information on the other
pins can be checked.
The Data Polling status bit must be used in conjunction with the erase/program and V
PP status
bit as shown in the algorithm in Figures 1 and 2 on page 8.
TOGGLE BIT: In addition to Data Polling the AT49BV802A(T) provides another method for
determining the end of a program or erase cycle. During a program or erase operation, suc-
cessive attempts to read data from the memory will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will stop toggling and valid data will be
read. Examining the toggle bit may begin at any time during a program cycle. Please see “Sta-
tus Bit Table” on page 10 for more details.
The toggle bit status bit should be used in conjunction with the erase/program status bit as
shown in the algorithm in Figures 3 and 4 on page 9.
ERASE/PROGRAM STATUS BIT: The device offers a status bit on I/O5, which indicates
whether the program or erase operation has exceeded a specified internal pulse count limit. If
the status bit is a “1”, the device is unable to verify that an erase or a byte/word program oper-
ation has been successfully performed. If a program (Sector Erase) command is issued to a
protected sector, the protected sector will not be programmed (erased). The device will go to a
status read mode and the I/O5 status bit will be set high, indicating the program (erase) opera-
tion did not complete as requested. Once the erase/program status bit has been set to a “1”,
the system must write the Product ID Exit command to return to the read mode. The
erase/program status bit is a “0” while the erase or program operation is still in progress.
Please see “Status Bit Table” on page 10 for more details.
SECTOR LOCKDOWN: Each sector has a programming lockdown feature. This feature pre-
vents programming of data in the designated sectors once the feature has been enabled.
These sectors can contain secure code that is used to bring up the system. Enabling the lock-
down feature will allow the boot code to stay in the device while data in the rest of the device is
updated. This feature does not have to be activated; any sector’s usage as a write-protected
region is optional to the user.
At power-up or reset, all sectors are unlocked. To activate the lockdown for a specific sector,
the six-bus cycle Sector Lockdown command must be issued. Once a sector has been locked
down, the contents of the sector is read-only and cannot be erased or programmed.
SECTOR LOCKDOWN DETECTION: A software method is available to determine if program-
ming of a sector is locked down. When the device is in the software product identification
mode (see “Software Product Identification Entry/Exit” sections on page 22), a read from
address location 00002H within a sector will show if programming the sector is locked down. If
the data on I/O0 is low, the sector can be programmed; if the data on I/O0 is high, the program
lockdown feature has been enabled and the sector cannot be programmed. The software
product identification exit code should be used to return to standard operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29