Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6676 Arkusz danych(PDF) 89 Page - Analog Devices

Numer części AD6676
Szczegółowy opis  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6676 Arkusz danych(HTML) 89 Page - Analog Devices

Back Button AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices AD6676 Datasheet HTML 86Page - Analog Devices AD6676 Datasheet HTML 87Page - Analog Devices AD6676 Datasheet HTML 88Page - Analog Devices AD6676 Datasheet HTML 89Page - Analog Devices AD6676 Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 89 of 90
Shuffler Threshold 1 and 2 Register
Address: 0x342, Reset: 0xF5, Name: SHUFFLE_THREG_0
Table 134. Bit Descriptions for SHUFFLE_THREG_0
Bits
Bit Name
Description
Reset
Access
[7:4]
SHUFFLE_TH2
Threshold value for shuffling every two cycles. Shuffle-every-2 is triggered
when the ADC data is greater than or equal to this threshold.
0xF
R
[3:0]
SHUFFLE_TH1
Threshold value for shuffling every one cycle. Shuffle-every-1 is triggered
when the ADC data is greater than or equal to this threshold
0x5
R
Shuffler Threshold 3 and 4 Register
Address: 0x343, Reset: 0xFF, Name: SHUFFLE_THREG_1
Table 135. Bit Descriptions for SHUFFLE_THREG_1
Bits
Bit Name
Description
Reset
Access
[7:4]
SHUFFLE_TH4
Threshold value for shuffling every four cycles. Shuffle-every-4 is triggered
when the ADC data is greater than or equal to this threshold.
0xF
R
[3:0]
SHUFFLE_TH3
Threshold value for shuffling every three cycles. Shuffle-every-3 is triggered
when the ADC data is greater than or equal to this threshold
0xF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90